PART |
Description |
Maker |
PWR-82341-170 PWR-82341-170L PWR-82341-170S PWR-82 |
BRUSHLESS DC MOTOR CONTROLLER, 10 A, DIP34 1.8 X 1.4 INCH, 0.25 INCH HEIGHT, PACKAGE-34
|
Data Device, Corp. DATA DEVICE CORP
|
AA20B-048L-120D |
2-OUTPUT 20 W DC-DC REG PWR SUPPLY MODULE 2 X 1.600 INCH, 0.400 INCH HEIGHT, METAL, PACKAGE-7
|
Ecliptek, Corp.
|
PKJ4418LEPI |
1-OUTPUT 46 W DC-DC REG PWR SUPPLY MODULE 2.300 X 2.400 INCH, 0.330 INCH HEIGHT, LOW PROFILE, HALF BRICK PACKAGE-9/8
|
Ericsson Power Modules
|
PSR-H30U-05-AC100 PSR-H50U-15-AC100 PSR-H30U-24-AC |
1-OUTPUT 30 W AC-DC REG PWR SUPPLY MODULE 5.910 X 1.560 INCH, 4.330 INCH HEIGHT, COMPACT PACKAGE 1-OUTPUT 50 W AC-DC REG PWR SUPPLY MODULE 5.910 X 1.760 INCH, 4.330 INCH HEIGHT, COMPACT PACKAGE
|
NXP Semiconductors N.V. Astrodyne, Inc. Japan Aviation Electronics Industry, Ltd. LMB Heeger, Inc.
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
SR395 |
395.00 MHz One-Port SAW Resonator
|
Vanlong Technology Co., Ltd.
|
5082-7650 5082-7650-DD000 5082-7650-DE000 HDSP-360 |
7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays(7.6 mm (0.3 英寸)/10.9 mm (0.43英寸) 七段显示 7.6 mm (0.3 inch) Overflow Character Displays 10.9mm(0.43inch)SevenSegmentDisplays
7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display 7.6毫米.3英寸10.9毫米.43英寸),七段显示
|
Agilent(Hewlett-Packard) Bivar, Inc.
|
PDL06-05D05 |
SIP PACKAGE, 0.86 x 0.36x 0.44 INCH
|
RSG Electronic Componen...
|
28ICR6-12-SB |
1-OUTPUT 6 W DC-DC REG PWR SUPPLY MODULE 2 X 2 INCH, 10.50 MM HEIGHT, METAL PACKAGE-4
|
Advanced Analog Technology, Inc.
|
HDSP-A511-JK000 HDSP-H511-GH000 HDSP-F511-IJ000 HD |
7.6 mm(0.3 inch) Micro Bright Seven Segment Displays 40PC Series, Gage; Amplified; Range: 0 psi to 30.0 psi 十四点二毫米0.56英寸),七段显示 10 mm (0.4 inch) Seven Segment Displays 10毫米0.4英寸),七段显示 14.2 mm (0.56 inch) Seven Segment Displays 十四点二毫米0.56英寸),七段显示 ASDX Series, amplified, gage, 0 psi to 15 psi operating pressure, "G2" DIP package, straight port 十四点二毫米.56英寸),七段显示
|
Ecliptek, Corp. Toshiba, Corp. Cree, Inc.
|